PART |
Description |
Maker |
IRF6723M2DTR1P IRF6723M2DTR1PBF IRF6723M2DTRPBF IR |
15 A, 30 V, 0.0066 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Dual Common Drain Control MOSFETs for Multiphase DC-DC Converters Replaces Two Discrete MOSFETs
|
International Rectifier
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IRFD213 IRFD210 IRFD211 IRFD212 |
(IRFD210 - IRFD213) N Channel Power MOSFETs 0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
|
Harris Semiconductor Harris Corporation
|
IXFH11N80 IXFH13N80 IXFM13N80 IXFM11N80 |
HiPerFET Power MOSFETs 13 A, 800 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204 Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFX120N20 IXFK120N20 |
HiPerFET Power MOSFETs CAP 0.01UF 50V 10% NP0(C0G) DIP-2 TUBE-PAK R-MIL-PRF-39014/22 120 A, 200 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
FSYC260R4 FSYC260D FSYC260D1 FSYC260D3 FSYC260R FS |
Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 46 A, 200 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 抗辐射,抗SEGR N沟道功率MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
IXFX38N80Q2 IXFK38N80Q2 IXFN38N80Q2 |
Discrete MOSFETs: HiPerFET Power MOSFETS N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low Q Low intrinsic R
|
IXYS[IXYS Corporation]
|
IXFM6N90 IXFH6N100 IXFH6N90 IXFM6N100 |
N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电000V,导通电2.0Ω的N沟道增强HiPerFET功率MOSFET) 6 A, 1000 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFM12N100 IXFH10N100 IXFH12N100 IXFH13N100 IXFM10 |
HiPerFET Power MOSFETs 10 A, 1000 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA HiPerFET Power MOSFETs 12 A, 1000 V, 1.05 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET Power MOSFETs 10 A, 1000 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET Power MOSFETs 13 A, 1000 V, 0.9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
|